Part Number Hot Search : 
CH400DPT 5742EUB PIC18F4 UPD16 064B1 3330DT3 W8511HI GPW576
Product Description
Full Text Search
 

To Download 2N3486A02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N3486A
Silicon PNP Transistor
Data Sheet
Description Semicoa Semiconductors offers: * Screening and processing per MIL-PRF-19500 Appendix E * JAN level (2N3486AJ) * JANTX level (2N3486AJX) * JANTXV level (2N3486AJV) * QCI to the applicable level * 100% die visual inspection per MIL-STD-750 method 2072 for JANTXV * Radiation testing (total dose) upon request
Applications
* General purpose switching transistor * Low power * PNP silicon transistor
Features
* * * * Hermetically sealed TO-46 metal can Also available in chip configuration Chip geometry 0600 Reference document: MIL-PRF-19500/392
Benefits
Please contact Semicoa for special configurations www.SEMICOA.com or (714) 979-1900 Absolute Maximum Ratings Parameter Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current, Continuous Power Dissipation, TA = 25C Derate linearly above 37.5C Power Dissipation, TC = 25C Derate linearly above 25C Thermal Resistance Operating Junction Temperature Storage Temperature Symbol VCEO VCBO VEBO IC PT PT * Qualification Levels: JAN, JANTX, and JANTXV * Radiation testing available
TC = 25C unless otherwise specified
Rating 60 60 5 600 0.5 3.08 2.0 11.43 0.325 87 -65 to +200
Unit Volts Volts Volts mA mW mW/C mW mW/C C/W C
RJA RJC
TJ TSTG
Copyright 2002 Rev. F
Semicoa Semiconductors, Inc.
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541 Page 1 of 2
www.SEMICOA.com
2N3486A
Silicon PNP Transistor
Data Sheet
ELECTRICAL CHARACTERISTICS
characteristics specified at TA = 25C
Off Characteristics Parameter Collector-Emitter Breakdown Voltage Collector-Base Cutoff Current Emitter-Base Cutoff Current On Characteristics Parameter Symbol hFE1 hFE2 hFE3 hFE4 hFE5 hFE6 VBEsat1 VBEsat2 VCEsat1 VCEsat2 Test Conditions IC = 0.1 mA, VCE = 10 Volts IC = 1.0 mA, VCE = 10 Volts IC = 10 mA, VCE = 10 Volts IC = 150 mA, VCE = 10 Volts IC = 500 mA, VCE = 10 Volts IC = 1.0 mA, VCE = 10 Volts TA = -55C IC = 150 mA, IB = 15 mA IC = 500 mA, IB = 50 mA IC = 150 mA, IB = 15 mA IC = 500 mA, IB = 50 mA Symbol V(BR)CEO ICBO1 ICBO2 ICBO3 IEBO1 IEBO2 Test Conditions IC = 10 mA VCB = 60 Volts VCB = 50 Volts VCB = 50 Volts, TA = 150C VEB = 5 Volts VEB = 3.5 Volts Min 60 10 10 10 10 50 Typ Max Units Volts A nA A A nA
Pulse Test: Pulse Width = 300 s, Duty Cycle 2.0%
DC Current Gain
Min 75 100 100 100 50 40
Typ
Max
Units
300
Base-Emitter Saturation Voltage Collector-Emitter Saturation Voltage Dynamic Characteristics Parameter Magnitude - Common Emitter, Short Circuit Forward Current Transfer Ratio Small Signal Short Circuit Forward Current Transfer Ratio Open Circuit Output Capacitance Open Circuit Input Capacitance Switching Characteristics Saturated Turn-On Time Saturated Turn-Off Time
1.3 2.6 0.4 1.6
Volts Volts
Symbol |hFE| hFE COBO CIBO
Test Conditions VCE = 20 Volts, IC = 50 mA, f = 100 MHz VCE = 10 Volts, IC = 1 mA, f = 1 kHz VCB = 10 Volts, IE = 0 mA, 100 kHZ < f < 1 MHz VEB = 2 Volts, IC = 0 mA, 100 kHZ < f < 1 MHz
Min 2.0 100
Typ
Max 10
Units
8 30
pF pF
tON tOFF
45 175
ns ns
Copyright 2002 Rev. F
Semicoa Semiconductors, Inc.
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541 Page 2 of 2
www.SEMICOA.com


▲Up To Search▲   

 
Price & Availability of 2N3486A02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X